Part Number Hot Search : 
60041 NJG1301V 74435 74435 1N5369B MN103S SD530 T273A
Product Description
Full Text Search
 

To Download 2SD1857 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2SD1857 rev.e mar.-2016 data sheet http://www.fsbrec.com 1 / 6 to-92lm ?? npn ?? silicon npn transistor in a to-92lm plastic package. ??????? high breakdown voltage ,low collector output capacitance ,high transition frequency. ???,?, power supplies, relay drivers, la mp drivers, and automotive wiring. pin1 base pin 2 collector pin 3 emitter ?? / h fe classifications & marking / descriptions / features ? / applications ? / equivalent circuit / pinning h fe classifications symbol p q r h fe range 82 180 120 270 180 390 1 2 3
2SD1857 rev.e mar.-2016 data sheet http://www.fsbrec.com 2 / 6 parameter symbol ? rating unit collector to base voltage v cbo 120 v collector to emitter voltage v ceo 120 v emitter to base voltage v ebo 5.0 v collector current (dc) i c 2.0 a collector current (pulse) i cp 3.0 a collector power dissipation p c 1.0 w junction temperature t j 150 storage temperature range t stg -55 150 parameter symbol test conditions ? min ? typ ? max unit collector to base breakdown v oltage v cbo i c =50 a i e =0 120 v collector to emitter breakdown v oltage v ceo i c =1ma i b =0 120 v emitter to base breakdown v oltage v ebo i e =50 a i c =0 5 v collector cut-off current i cbo v cb =100v i e =0 1.0 a emitte r cut-off current i ebo v eb =4v i c =0 1.0 a dc current gain h fe v ce =5v i c =0.1a 82 390 transition frequency f t v ce =5v i e =-0.1a f=30mhz 80 mhz collector output capacitance c ob v cb =10v i e =0a f=1mhz 20 pf collector to emitter saturation v oltage v ce(sat) i c =1a i b =0.1a 0.4 v ? / absolute maximum ratings(ta=25 ) ? / electrical characteristics(ta=25 )
2SD1857 rev.e mar.-2016 data sheet http://www.fsbrec.com 3 / 6 ? / electrical characteristic curve
2SD1857 rev.e mar.-2016 data sheet http://www.fsbrec.com 4 / 6 ?? / package dimensions
2SD1857 rev.e mar.-2016 data sheet http://www.fsbrec.com 5 / 6 ?? / marking instructions ? br:    ?? d1857  ??? q ?h fe ? ****  ???? note: br: company code. d1857: product type. q: h fe classifications symbol ****: lot no. code,code change with lot no. br **** d1857 q
2SD1857 rev.e mar.-2016 data sheet http://www.fsbrec.com 6 / 6 ??? ( ? ) / temperature profile for dip soldering(pb-free) ? note: 1 ?? 25 150 ? 60 90sec; 1.preheating:25~150 , time:60~90sec. 2 ?? 255 5 ?? 5 0.5sec; 2.peak temp.:255 5 , duration:5 0.5sec. 3 ???? 2 10 /sec. 3. cooling speed: 2~10 /sec. ? / resistance to soldering heat test conditions ?? 270 5 ?? 10 1 sec. temp.:2705 time:101 sec ? / packaging spec. ?? / bulk package type ?? units ? dimension ?? (unit mm3) units/bag ? / bags/inner box / units/inner box ? / inner boxes/outer box / units/outer box ? / bag inner box outer box to-92lm 1,000 8 8,000 5 40,000 135190 237172102 560245195 ? / ammo package type ?? units ? dimension ?? (unit mm3) units/tape ? / ? tape/inner box ? / rows/inner box ? / inner boxes/outer box / units/outer box ? / inner box outer box to-92lm 2,500 1 100 10 25,000 32823042 480346235 547407268 ?? / notices


▲Up To Search▲   

 
Price & Availability of 2SD1857

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X